PART |
Description |
Maker |
E011202 |
Miniature Paint Insulated Metal Film Fixed Resistors
|
HOKURIKU ELECTRIC INDUSTRY CO.,LTD
|
2439 2439-0 2382-0 2439-5 2439-2 2439-9 2439-3 |
Single Insulated Miniature Binding Post
|
Pomona Electronics
|
RW5 RW5N RW1/2 RW12NT103J RW10 RW1/2N RW10N RW1N R |
coat insulated miniature precision power wirewound resistors
|
KOA Speer Electronics, Inc.
|
IWS505 IWS512 IWS4824 IWS4848 IWS548 IWS1205 IWS12 |
RESISTOR 200 OHM .5W CARB COMP IWS SERIES - 10 WATT 国际羊毛局系列- 10
|
POWER-ONE[Power-One] ITT, Corp.
|
UMK-8RM110DC |
VARIOFACE module, for 8 plug-in miniature relays or miniature optocouplers, with LED, 110 V DC input voltage
|
PHOENIX CONTACT
|
B65496-B2003 B63399-A1007 B63399-B5 B65495 B65495- |
Miniature pot cores for adjustable miniature inductors
|
EPCOS[EPCOS]
|
2795L 2795H 2795J 2795K |
T1/E1 Transformer Miniature 3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
|
BEL[Bel Fuse Inc.]
|
19037-0004 64001-1400 19038-0007 19039-0007 19033- |
PVC and Nylon Insulated Bullet Snap Plug and Receptacle, and Insulated Double Bullet Snap Coupler and Non-Insulated Bullet Snap Plug and Receptacle
|
MolexKits
|
MIW3047 MIW3000 MIW3011 MIW3012 MIW3013 MIW3014 MI |
5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters From old datasheet system RESISTOR 4.3 OHM .5W CARB COMP 5 - 6W,宽输入范围下滑,单 5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters 5 - 6W,宽输入范围下滑,单
|
etc MINMAX[Minmax Technology Co., Ltd.] TOTAL-POWER[Total Power International] Electronic Theatre Controls, Inc.
|
2036-60-A 2036-60-ALF 2036-42-B2F 2036-09-BLF 2036 |
Miniature 3-Pole Gas Discharge Tubes Sparkover100V/s 600V Miniature 3 Pole TELECOM, SURGE PROTECTION CIRCUIT, XSS3 GAS DISCHARGE TUBE LIBRE DE PLOMO TELECOM, SURGE PROTECTION CIRCUIT, XSS3 Miniature 3-Pole Gas Discharge Tubes Sparkover100V/s 420V Miniature 3 Pole TELECOM, SURGE PROTECTION CIRCUIT, XSS3 2AS DISCHARGE TUBE Libre de plomo TELECOM, SURGE PROTECTION CIRCUIT, XSS3 Miniature 3-Pole Gas Discharge Tubes Sparkover100V/s 470V Miniature 3 Pole TELECOM, SURGE PROTECTION CIRCUIT, XSS3 GAS DISCHARGE TUBE TELECOM, SURGE PROTECTION CIRCUIT, XSS3 Miniature 3-Pole Gas Discharge Tubes Sparkover100V/s 75V Miniature 3 Pole TELECOM, SURGE PROTECTION CIRCUIT, XSS3 Miniature 3-Pole Gas Discharge Tubes Sparkover100V/s 300V Miniature 3 Pole TELECOM, SURGE PROTECTION CIRCUIT, XSS3 Miniature 3-Pole Gas Discharge Tubes Sparkover100V/s 150V Miniature 3 Pole TELECOM, SURGE PROTECTION CIRCUIT, XSS3
|
Bourns, Inc.
|
AZ942H-1C-9DTH AZ942H AZ942H-1A-12DTH AZ942H-1A-18 |
12 AMP MINIATURE MINIATURE
|
ZETTLER electronics GmbH ZETTLER[ZETTLER Electronics]
|
PS11011 |
Application Specific Intelligent Power Module FLAT-BASE TYPE INSULATED PACKAGE FLAT-BASE TYPE INSULATED TYPE
|
Mitsubishi Electric Semiconductor POWEREX[Powerex Power Semiconductors]
|